Part Number Hot Search : 
TR3084 99026 TC1240 T1637 B23JP AN7024 ZPY132 AX101
Product Description
Full Text Search
 

To Download AP4502GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4502GM
RoHS-compliant Product
Advanced Power Electronics Corp.
Simple Drive Requirement
D2 D2 D1 D1
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
N-CH BVDSS RDS(ON) ID
S2 G1 G2
20V 18m 8.3A -20V 45m -5A
Low Gate Charge Fast Switching Performance
P-CH BVDSS RDS(ON) ID
SO-8
S1
Description
Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
D1
D2
The SO-8 package is widly preferred for commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters.
G1 S1
G2 S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating N-channel 20 12 8.3 6.5 30 2.0 0.016 -55 to 150 -55 to 150 P-channel -20 12 -5 -4 -20
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Maximum Thermal Resistance, Junction-ambient
3
Value 62.5
Unit /W
Data and specifications subject to change without notice
201009074-1/7
AP4502GM
N-CH Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS RDS(ON) Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance
2
Test Conditions VGS=0V, ID=250uA VGS=10V, ID=9A VGS=4.5V, ID=8.3A VGS=2.5V, ID=5.2A
Min. 20 0.5 -
Typ. 8.3 22 3 9 11 13 30 14 1350 325 255
Max. Units 16 18 30 1 25 100 V m m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=VGS, ID=250uA VDS=10V, ID=8.3A VDS=20V, VGS=0V VDS=16V ,VGS=0V VGS=12V ID=8A VDS=16V VGS=4.5V VDS=10V ID=1A RG=3.3,VGS=5V RD=10 VGS=0V VDS=20V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=1.8A, VGS=0V IS=8A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 32 24
Max. Units 1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
2/7
AP4502GM
P-CH Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS RDS(ON) Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance
2
Test Conditions VGS=0V, ID=-250uA VGS=-10V, ID=-6A VGS=-4.5V, ID=-5A VGS=-2.5V, ID=-4A
Min. -20 -0.5 -
Typ. 2.2 13 1.5 4.5 8 17 24 36 920 90 85
Max. Units 40 45 80 -1 -25 100 V m m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=VGS, ID=-250uA VDS=-10V, ID=-2.2A VDS=-20V, VGS=0V VDS=-16V, VGS=0V VGS=12V ID=-5A VDS=-16V VGS=-4.5V VDS=-10V ID=-1A RG=3.3,VGS=-5V RD=10 VGS=0V VDS=-20V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2
Test Conditions IS=-1.8A, VGS=0V IS=-5A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 28 16
Max. -1.2 -
30 V ns nC
Reverse Recovery Time Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse test 3.Surface mounted on 1 in2 copper pad of FR4 board ; 135 /W when mounted on Min. copper pad.
THIS PRODUCT IS AN ELECTROSTATIC SENSITIVE, PLEASE HANDLE WITH CAUTION.
THIS PRODUCT HAS BEEN QUALIFIED FOR CONSUMER MARKET. APPLICATIONS OR USES AS CRITERIAL COMPONENT IN LIFE SUPPORT
DEVICE OR SYSTEM ARE NOT AUTHORIZED. 3/7
AP4502GM
N-Channel
30
30
T A =25
ID , Drain Current (A)
ID , Drain Current (A)
5.0V 4.5V 3.5V 2.5V
T A =150
5.0V 4.5V 3.5V 2.5V
20
20
V G = 2.0 V
V G =2.0V
10
10
0 0 1 2 3
0 0 1 2 3 4
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
34
1.8
I D = 5.2A
30
T A = 25 o C
I D =8.3A V G =10V
RDS(ON0 (m)
26
Normalized R DS(ON)
1.4
22
18
1.0
14
30
0.6
1 2 3 4 5 -50 0
-30
50 100 150
10
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
2.0
10
8
1.6
6
Normalized VGS(th) (V)
1.2 1.4
1.2
IS(A)
T j =150 o C
4
T j =25 o C
0.8
2
0.4
0 0 0.2 0.4 0.6 0.8 1
0.0 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
4/7
AP4502GM
N-Channel
f=1.0MHz
12
10000
VGS , Gate to Source Voltage (V)
10
ID=8A V DS = 10 V
8
1000
C iss C oss C rss
6
C (pF)
100 10
4
2
0 0 10 20 30 40 50
1
5
9
13
17
21
25
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Duty factor=0.5
100us
10
Normalized Thermal Response (R thja)
0.2
1ms ID (A)
1
0.1
0.1
0.05
10ms 100ms
0.02
0.01
PDM
0.01
t T
Single Pulse
0.1
1s T A =25 C Single Pulse
o
DC
1 10 100
30
0.001 0.0001 0.001 0.01 0.1
-30
1
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja=135 oC/W
0.01 0.1
10
100
1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 4.5V QGS QGD
10% VGS td(on) tr td(off) tf
Charge
Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
5/7
AP4502GM
P-Channel
20 20
T A =25 o C
16
-ID , Drain Current (A)
12
-ID , Drain Current (A)
- 5.0 V - 4.5 V - 3.5 V - 2.5 V V G = - 1.5 V
T A = 150 o C
16
-5.0 V - 4.5 V - 3.5 V - 2.5 V
12
V G = - 1.5 V
8
8
4
4
0 0 1 2 3 4 5
0 0 1 2 3 4
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
60
1.4
I D = -5.7 A T A =25 o C
56 1.2
I D = -5.7 A V G = - 10V Normalized R DS(ON)
RDS(ON) (m)
52
1.0
48
0.8 44
30
40
1 2 3 4 5
-30
0 50 100 150
0.6 -50
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.2
8
Normalized -VGS(th) (V)
1.2 1.4
6
1.0
-IS(A)
4
T j =150 o C
T j =25 o C
0.8
2
0
0.6
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
6/7
AP4502GM
P-Channel
f=1.0MHz
12 10000
-VGS , Gate to Source Voltage (V)
9
6
C (pF)
I D = -5A V DS = -16V
1000
C iss
100
3
C oss C rss
0
0.0 5.0 10.0 15.0 20.0 25.0 30.0
10 1 5 9 13 17 21 25
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (R thja)
Duty factor=0.5
10
-ID (A)
100us 1ms
1
0.2
10ms 100ms 1s
0.1
0.1
0.05
PDM
t T
0.02
0.1
T A =25 o C Single Pulse
0.01 0.1 1 10
DC
30
0.01 Single Pulse
-30
0.001 0.01 0.1 1
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja=135 oC/W
0.01 100 0.0001 10 100 1000
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG -4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
7/7
ADVANCED POWER ELECTRONICS CORP.
Package Outline : SO-8
D
SYMBOLS
Millimeters
MIN NOM MAX
A 8 7 6 5 E1 1
E
1.35 0.10 0.33 0.19 4.80 3.80 5.80 0.38 0
1.55 0.18 0.41 0.22 4.90 3.90 6.15 0.71 4.00 1.27 TYP
1.75 0.25 0.51 0.25 5.00 4.00 6.50 1.27 8.00
A1 B C D E1 E L
2
3
4
e B
e
A
A1
DETAIL A
L
1.All Dimension Are In Millimeters. 2.Dimension Does Not Include Mold Protrusions.
c
DETAIL A
Part Marking Information & Packing : SO-8
Part Number
Package Code
meet Rohs requirement
4502GM
YWWSSS
Date Code (YWWSSS) YLast Digit Of The Year WWWeek SSSSequence


▲Up To Search▲   

 
Price & Availability of AP4502GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X